Part Number Hot Search : 
MP1497DJ 2N2177 STA80 MAX4737 SZ305G SZ25A12 LT3751 LT1529
Product Description
Full Text Search
 

To Download SCD310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Surface Mount Schottky Barrier Rectifiier KCD32 THRU KCD310
(SCD32 THRU SCD310)
DO-214AC(SMA)
Diodes
Unit: mm 3.93 3.73
Features
For surface mounted applications. Low profile package. Built-in strain relief. Metal silicon junction, majority carrier conduction. Low power loss, high efficiency. High current capability, low forward voltage drop. High surge capability.
1.524 0.762 1.575 1.397
2
4.597 3.988
1
2.896 2.489
1.67 1.47
5.283 4.775
2.38 2.18 5.49 5.29 Recommended Land Pattern
2.438 1.981
0.203 0.051
0.305 0.152
Absolute Maximum Ratings and Electrical Characteristics at 25
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A * 1 Maximum DC reverse current * 1 TA=25 at rated DC blocking voltage TA=100 Typical thermal resistance Operating junction temperature range Storage temperature range * 1. Pulse test: 300ms pulse width, 1% duty cycle. Symbol VRRM VRMS VDC I(AV) IFSM VF IR 20 R R
JA JL
KCD32 20 14 20
KCD34 40 28 40 3 80 0.5 0.5
KCD36 60 42 60
KCD310 100 70 100
Unit V V V A A
0.7
0.85
V mA
10 55 17 /W -55 to +150 -55 to +150
TJ Tstg
-55 to +125
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of SCD310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X